Part Number Hot Search : 
S20C50CE 3388611 10N20 LH540235 BAT54T1 WP06R STA517B LT1017IS
Product Description
Full Text Search
 

To Download SO-8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DIMENSIONS REF.
A A1 A2 B C D E e H h L k ddd 5.80 0.25 0.40
mm MIN.
1.35 0.10 1.10 0.33 0.19 4.80 3.80 1.27 6.20 0.50 1.27 0.228 0.010 0.016
inch TYP. MAX.
0.069 0.010 0.065 0.020 0.010 0.197 0.157 0.050 0.244 0.020 0.050 1.75 0.25 1.65 0.51 0.25 5.00 4.00 0.053 0.04 0.043 0.013 0.007 0.189 0.150
TYP. MAX. MIN.
PACKAGE AND PACKING INFORMATION
8-LEAD SMALL OUTLINE PACKAGE
Weight: not available
8 (max.) 0.1 0.04
SO-8
February 2005
1/5
SO-8 PACKAGE AND PACKING INFORMATION TUBE SHIPMENT INFORMATION
A C B
E D
TUBE MECHANICAL DATA mm. A B C D E BASE QUANTITY BULK QUANTITY 100 pcs. 2000 pcs. 6.60 0.10 1.90 0.10 0.60 0.10 7.80 0.10 4.30 0.10 inch 0.260 0.004 0.075 0.004 0.024 0.004 0.307 0.004 0.169 0.004
2/5
SO-8 PACKAGE AND PACKING INFORMATION TAPE & REEL SHIPMENT INFORMATION TAPE SPECIFICATIONS
Ko T
Top Cover Tape
D
P2
Po E F
Bo K Ao P1
W
R
Center line of gravity
Bending radius
User direction of feed
TAPE MECHANICAL DATA mm. D E Po T max. D1 min. F K max. P2 R W P1 Ao, Bo, Ko BASE QUANTITY BULK QUANTITY 1.50 +0.1/0 1.75 0.1 4.00 0.1 0.40 1.50 5.5 0.05 4.50 2.00 0.05 30 12.00 0.30 8.00 0.05 min to 0.65 max. 2500 pcs. 2500 pcs. inch 0.059 +0.004/0 0.069 0.004 0.157 0.004 0.016 0.059 0.217 0.002 0.177 0.079 0.002 1.181 0.472 0.012 0.315 0.002 min to 0.026 max.
3/5
SO-8 PACKAGE AND PACKING INFORMATION TAPE & REEL SHIPMENT INFORMATION REEL SPECIFICATIONS
T 40mm (1.575in) min. access hole at slot location
B
C A D
N
Full radius
G measured at hub
Tape slot in core for tape start 2.5mm (0.098in) min. width
REEL MECHANICAL DATA Tape size A max. B min. C D min. N min. G T max. mm. 12.0 0.30 330.0 1.5 13.0 0.20 20.2 60 12.4 +2/-0 18.4 inch 0.472 0.012 12.992 0.059 0.512 0.008 0.795 2.362 0.488 +0.079/-0 0.724
4/5
SO-8 PACKAGE AND PACKING INFORMATION FOOTPRINT RECOMMENDED DATA
FOOTPRINT DATA A B C D E mm. 6.8 4.4 0.58 1.27 4.39 inch 0.268 0.173 0.023 0.050 0.173
5/5


▲Up To Search▲   

 
Price & Availability of SO-8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X